PART |
Description |
Maker |
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM483 ADM483AR ADM483AR-REEL7 ADM483JR ADM483JR-R |
5V Low Power, Slew-Rate Limited 5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|
ISL8483E05 ISL8483ECPZ ISL8485ECBZ ISL8485ECBZ-T I |
ESD Protected to 隆戮15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to 【15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD防护, 5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
ISL8485E ISL8483EIP ISL8483EIB ISL8485ECB ISL8485E |
ESD Protected to 15kV 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers ESD Protected to 15kV/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers ESD PROTECTED TO 【15KV, 5V, LOW POWER, HIGH SPEED OR SLEW RATE LIMITED, RS-485/RS-422 TRANSCEIVERS
|
INTERSIL[Intersil Corporation]
|
ISL8487EIB-T ISL8487EIBZ-T ISL81487EIPZ |
15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
|
Intersil
|
ISL83078E ISL83072E ISL83071E |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422
|
Intersil
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
MAX487CPA MAX487CSA MAX487CUA MAX487EPA MAX487ESA |
Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers From old datasheet system IC,LINE TRANSCEIVER,CMOS,1 DRIVER,1 RCVR,SOP,14PIN,PLASTIC IC,LINE TRANSCEIVER,CMOS,1 DRIVER,1 RCVR,DIP,8PIN,CERAMIC Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maixm Maxim Integrated Products MAXIM - Dallas Semiconductor
|
MAX3088E MAX3082E MAX3087E MAX3083E MAX3086E MAX30 |
5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ±15kV ESD保护、失效保护、高10Mbps)、限摆率RS-485/RS-422收发 " ?à15kV ESD-Protected, Fail- Safe, High-Speed (10Mbps), Slew-Rate-Limited RS- 485/RS-422 Transceivers" ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ??5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|